|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
POWER OUTLET Adam Technologies, Inc. 1.063 [27.00] A PANEL THICKNESS .866 [22.00] .417 [10.60] .031 [0.80] .039 [1.00] .047 [1.20] .710 [18.00] .500 [12.70] .063 [1.60] DIM. A .945 [24.00] .968 [24.60] .992 [25.20] 1.031 [26.20] NEMA RECEPTACLES IEC SERIES NEMA-5-1 UNIVERSAL PANEL SNAP 1.063 [27.00] .468 [11.90] Recommended Panel Cut-Out For PANEL CUT-OUT NEMA-5-1A RECOMENDED 1.50mm Panel Thickness NEMA-5-1B .138 [3.50] .945 [24.00] 1.180 [30.00] NEMA-5-1 .700 [17.78] .846 [21.50] 1.063 [27.00] OPTIONAL STRAIGHT GROUND A NEMA-5-2 .417 [10.60] 1.063 [27.00] .468 [11.90] .866 [22.00] UNIVERSAL PANEL SNAP 12-14 Awg .710 [18.00] .500 [12.70] PANEL CUT-OUT .138 [3.50] .945 [24.00] 1.180 [30.00] RECOMENDED Recommended Panel Cut-Out For 1.50mm Panel Thickness NEMA-5-2 .700 [17.78] .846 [21.50] .500 [12.70] NEMA-5-3 UNIVERSAL PANEL SNAP 1.063 [27.00] .468 [11.90] 1.063 [27.00] .945 [24.00] .208 [5.30] 1.182 [30.00] .945 [24.00] .945 [24.00] RECOMENDED Recommended Panel Cut-Out For PANEL CUT-OUT 1.50mm Panel 0.8mm - NEMA-5-3 909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM 157 |
Price & Availability of NEMA-5-1 |